Part Number Hot Search : 
PCK946 NTE303 MC145159 BUZ110S SMCJ24A AON3812 US1881L S1R72U01
Product Description
Full Text Search
 

To Download NRSJ151M25V10X125TBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  108 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com 109 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com maximum impedance ( ? at 100khz/20c) maximum ripple current (ma at 100khz/105c) nrsj series miniature aluminum electrolytic ca pac i tors ultra low impedance at high frequency, radial leads ? very low impedance ? long life at 105c (2000 hrs.) ? high stability at low temperature features characteristics ul tra lo w imped ance a t high freq uency , radial leads rohs compliant includes all homogeneous materials *see part number system for details precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nics electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your specif c application - process details with nics technical support personnel: tpmg@niccomp.com rated voltage range 6.3 ~ 50vdc capacitance range 100 ~ 2,700 f operating temperature range -25 ~ +105c capacitance tolerance 20% (m) maximum leakage current after 2 minutes at 20c 0.01cv or 3 a whichever is greater max. tan at 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8 13 20 32 44 63 c < 1,500 f 0.22 0.19 0.16 0.14 0.12 0.10 c = 2,200 f ~ 2,700 f 0.24 0.21 0.18 0.16 - - low temperature stability impedance ratio @ 120hz z-25c/z+20c 3 3 3 3 3 3 load life test at rated w.v. 105c 2,000 hrs. capacitance change within 25% of initial measured value tan less than 200% of specif ed value leakage current less than specif ed value cap ( f) working voltage (vdc) 6.3 10 16 25 35 50 100 - - - - - 0.046 121 - - - - - 0.049 150 - - - - 0.030 0.036 180 - - - - - 0.039 220 - - - 0.030 0.032 0.023 0.025 0.026 270 - - - - - 0.025 0.029 0.021 330 - - 0.030 0.032 0.018 0.023 0.025 0.027 - 0.020 390 - - - - 0.020 - 0.022 470 - 0.030 0.032 0.018 0.016 - 0.025 0.027 - 0.020 560 0.030 - - - 0.018 - 680 - 0.032 0.016 0.020 - - 0.025 0.025 0.022 - 0.018 0.016 1000 0.030 0.016 0.016 0.018 - - 0.025 0.025 0.018 - 0.018 0.013 1500 0.016 0.016 0.013 - - - 0.025 0.018 0.018 0.013 2200 0.016 0.013 - - - - 0.018 0.013 2700 0.013 - - - - - cap ( f) working voltage (vdc) 6.3 10 16 25 35 50 100 - - - - - 920 121 - - - - - 890 150 - - - - 1110 1230 180 - - - - - 1180 220 - - - 1110 1080 1680 1440 1720 270 - - - - - 1610 1630 1980 330 - - 1140 1080 1820 1800 140 1390 - 1920 390 - - - - 1720 - 1830 470 - 1140 1140 1820 2180 - 1540 1390 - 1920 560 1140 - - - 2060 - 680 - 1140 1870 1720 - - 1540 1540 1830 - 2000 2180 1000 1140 1870 1870 2060 - - 1540 1540 2000 - 2000 2550 1500 1870 1870 2550 - - - 1540 2000 2000 2550 2200 1870 2550 - - - - 2000 2550 2700 2550 - - - - -
110 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com 111 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com standard product and case size table d x l (mm) nrsj series miniature aluminum electrolytic capacitors diameter and leadspace (mm) d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking size (d ? x l) tape and box* nrsj 102 m 25v 10x20 series tb capacitance code tolerance code rated voltage rohs compliant f part number system *see tape specifcation for details cap ( f) code working voltage (vdc) 6.3 10 16 25 35 50 100 101 - - - - - 8x11.5 121 121 - - - - - 8x11.5 150 151 - - - - 8x11.5 10x12.5 180 181 - - - - - 10x12.5 220 22 - - - 8x11.5 8x11.5 8x20 10x12.5 10x16 270 271 - - - - - 8x20 10x16 10x20 330 331 - - 8x11.5 8x11.5 8x20 10x20 10x12.5 10x12.5 - 10x16 390 291 - - - - 8x20 - 10x16 470 471 - 8x11.5 8x11.5 8x20 10x20 - 10x12.5 10x12.5 - 10x16 560 561 8x11.5 - - - 10x20 - 680 681 - 8x11.5 8x20 8x20 - - 10x12.5 10x12.5 10x16 - 10x16 10x20 1000 102 8x11.5 8x20 8x20 10x20 - - 10x12.5 10x12.5 10x16 - 10x16 10x20 1500 152 8x20 8x20 10x20 - - - 10x12.5 10x16 10x16 10x20 2200 222 8x20 10x20 - - - - 10x16 10x20 2700 272 10x20 - - - - - case dia. (d ) 8 10 lead dia. (d ) 0.6 0.6 lead spacing (f) 3.5 5.0 dim. 0.5 0.5 = l < 16mm = 1.5mm, l > 20mm = 2.0mm


▲Up To Search▲   

 
Price & Availability of NRSJ151M25V10X125TBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X